Part Number Hot Search : 
BZX79C11 7NA60 AD7634 00350 U3502BM STA9012N ADC1215S HMD1M1Z1
Product Description
Full Text Search
 

To Download MICRO-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .050" staggered cl male on board connector surface mount straight with polarizing peg mi c r o - 06 s erie s 26 aug 10 major league electronics .050 " staggered cl male on board connector - surface mount 10 a0.30 0.100" [2.54]0.10 b0.20 0.059" [1.50] 2 1 9 0.272" [6.90]0.15 0.018" [0.45] 0.130" [3.30] 0.050" [1.27] 0.024" [0.60] 0.197" [5.00]0.15 a 0.050" [1.27] a 0.126" [3.20] 0.081" [2.05] 0.041" [1.05] 0.276" [7.00]0.25 0.063" [1.60] 0.016" [0.40] x 0.026" [0.65] 0.039" [1.00] 0.050" [1.27] 0.118" [3.00] 0.295" [7.50] 0.100" [2.54] recommended p.c. board layout tolerance 0.05 section a-a polarizing peg xx ordering information pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 xx packing information tb-p = tube with pick and place pad tr-p = tape and reel with pick and place pad if left blank, packaging at mle's discretion pad may be metal, mylar or plastic lf lead free x micro 06 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com specification electrical: rated current: 1.0amp contact resistance: 20m ? max withstand voltage: 500v ac/dc insulation resistance: 1000m ? min operation temperature: -40c to +105c material: contact material: phosphor bronze contact plating: sn over ni insulator material: high temperature plastic pa46 (ul94v-0), red termination: pcb pins per row dimension qt'y / tube qt'y / t&r ab 2 7.20 2.54 71 500 3 9.74 5.08 54 500 4 12.28 7.62 44 500 5 14.82 10.16 37 500 6 17.36 12.70 31 500 7 19.90 15.24 28 500 8 22.44 17.78 25 500 9 24.98 20.32 22 500 10 27.52 22.86 20 500 products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice mates with: micro-01 (board to board), micro-02 (board to board), micro-03 (board to board)
.050" staggered cl male on board connector surface mount straight with polarizing peg mi c r o - 06 s erie s 26 aug 10 revisions revision b - (12th may 2011) amendment to part numb er for entire series, total pins has been changed to pins per row. therefore micro-xx- 04 is now micro-xx- 02 (4 total pins now equals 2 pins per row in part number). was: total pins 04, 06, 08, 10, 12, 14, 16, 18, 20 now: pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice


▲Up To Search▲   

 
Price & Availability of MICRO-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X